Part Number Hot Search : 
ST9293J5 ZS220L 2ADTR2 KBPC101 SI106 KTC3770 LVC2G132 TXA3MPXX
Product Description
Full Text Search
 

To Download UEP1E330MDD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
EP
Bi-Polarized, Wide Temperature Range
series
1 ~ 2 ranks smaller than ET series. Adapted to the RoHS directive (2002/95/EC).
ET
Smaller
EP
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan Performance Characteristics
- 55 ~ +105C 6.3 ~ 100V 0.47 ~ 6800F 20% at 120Hz, 20C After 5 minutes' application of rated voltage, leakage current is not more than 0.03CV or 3 (A), whichever is greater.
Measurement frequency : 120Hz, Temperature : 20C Rated voltage (V) tan (MAX.)
6.3 0.24
10 0.24
16 0.20 6.3 4 10 10 3 8
25 0.20 16 2 6
35 0.16 25 2 4
50 0.14 35 2 3 50 2 3
63 0.12 63 2 3
100 0.10 100 2 3
Measurement frequency : 120Hz
Stability at Low Temperature
Rated voltage (V) Z- 25C / Z+20C Impedance ratio ZT / Z20 (MAX.) Z- 40C / Z+20C
Endurance
After 1000 hours' application of rated voltage at 105C, with the polarity inverted every 250 hours, capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Within 25% of initial value (6.3~16V) Within 20% of initial value (25~100V) 150% or less of initial specified value Initial specified value or less
Shelf Life Marking
After storing the capacitors under no load at 105C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. Printed with white color letter on black sleeve.
Radial Lead Type
Type numbering system (Example : 10V 47F)
fd
Sleeve (P.E.T.)
+0.5 MAX
UEP 1 A 4 7 0 MDD
P 0.5
1 2 3 4 5 6 7 8 9 10 11 Configuration Capacitance tolerance (20%) Rated Capacitance (47mF) Rated voltage (10V) Series name Type
fD
(f6.3up)
Pressure reliefvent
L+ MAX
15MIN
fD fd
4MIN
(L < 20) 1.5 (L 20) 2.0
P
5 6.3 8 10 12.5 16 18 2.0 2.5 3.5 5.0 5.0 7.5 7.5 0.5 0.5 0.6 0.6 0.6 0.8 0.8
(mm)
* Please refer to page 21 about the end seal configulation.
Configuration Pb-free leadwire fD Pb-free PET sleeve 5 DD 6.3 ED 8 a 10 PD 12.5 ~ 18 HD
25 1E 35 1V 50 1H 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 20 12.5 x 25 16 x 25 16 x 31.5 63 1J 7 10 15 18 22 37 63 77 105 190 340 460 590
Dimensions
Cap. (F) V Code
6.3 0J
10 1A
16 1C
0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 2200 3300 4700 6800
R47 010 2R2 3R3 5 x 11 4R7 5 x 11 5 x 11 5 x 11 100 27 27 5 x 11 220 46 6.3 x 11 37 40 6.3 x 11 5 x 11 5 x 11 5 x 11 8 x 11.5 330 56 45 45 49 6.3 x 11 5 x 11 5 x 11 8 x 11.5 470 67 54 6.3 x 11 54 67 6.3 x 11 5 x 11 8 x 11.5 110 8 x 11.5 110 10 x 16 101 6.3 x 11 90 90 6.3 x 11 8 x 11.5 150 221 215 12.5 x 20 8 x 11.5 150 10 x 12.5 195 10 x 16 8 x 11.5 185 10 x 16 331 320 12.5 x 20 240 10 x 16 265 12.5 x 20 10 x 12.5 260 10 x 16 471 380 12.5 x 25 290 10 x 20 345 12.5 x 20 10 x 20 102 670 16 x 31.5 510 12.5 x 25 460 12.5 x 20 605 16 x 25 222 12.5 x 25 910 16 x 31.5 1070 18 x 35.5 1140 820 16 x 25 16 x 25 332 1110 16 x 31.5 1200 18 x 35.5 1400 16 x 31.5 1430 18 x 35.5 1520 472 18 x 35.5 1830 682
21 30 51 72 86 160 290 350 465 805
5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16 12.5 x 20 16 x 25 16 x 31.5 18 x 35.5
20 24 40 68 98 130 225 405 535 680
100 2A 5 x 11 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 8 x 11.5 10 x 16 12.5 x 20 12.5 x 20 16 x 25 18 x 35.5
8 12 20 25 30 50 97 140 170 300 510
Case size Rated D x L (mm) ripple
Rated Ripple (mArms) at 105C 120Hz
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UEP1E330MDD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X